PART |
Description |
Maker |
PS2511-1 PS2511L-2 PS2511L-4 PS2511-2 PS2511-4 PS2 |
Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Purple; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Light Blue; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes HIGH ISOLATION VOLTAGE STANDARD MULTI PHOTOCOUPLER SERIES SINGLE TRANSISTOR TYPE
|
NEC Corp. NEC[NEC]
|
MTAN2111-11A MTAN2111-21C MTAN7111M-21C MTAN4111-1 |
1.2 5x7 Dot Matrix Display 1.2 5x7点阵式显示器 Hook-Up Wire; Conductor Size AWG:14; No. Strands x Strand Size:41 x 30; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:White/Green; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:White/Orange; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Marktech 1.20 5x7 Dot Matrix
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
T555715M01-PAE T555701M01-PAE T555715M01-DBW T5557 |
COMPACT VIDEO SPLITTER 8 CHANNEL COMPACT VIDEO SPLITTER 4 CHANNEL Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes USB 2.0 MULTI-PLUS CARD READER Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes CAT5 MULTI VIDEO TRANSMITVIDEO,RS232 AND STEREO AU TV PHOTO VIEWER MEDIA PLAYER CONNECTOR ACCESSORY 连接器附 multifunctional 330-bit read/write RF-identification IC 多功330位的写射频识别IC
|
Atmel Corp. Atmel, Corp.
|
PS9851-1-V-F4 PS9851-2-V-F4-A PS9851-1 PS9851-1-A |
Power Resistor; Series:MK; Resistance:10kohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 高噪音减少,15 Mbps的CMOS输出引脚SSOP光耦合 HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER 高噪音减少,15 Mbps的CMOS输出引脚SSOP光耦合 Power Resistor; Series:MK; Resistance:100ohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 高噪音减少,15 Mbps的CMOS输出引脚SSOP光耦合 Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Green; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Yellow; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes RESISTOR, 100K OHM, 1% Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Purple; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Blue; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes
|
NEC, Corp. NEC Corp. NEC[NEC]
|
DF12D-20DP-0.5V DF12D-20DS-0.5V DF12D-30DP-0.5V DF |
0.5mm Pitch SMT Board to Board Connector Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Brown; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:White; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Gray; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:White; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 0.5mm Pitch SMT Board to Board Connector 0.5mm间距表面贴装板对板连接器 WIRE, 14, GRN/YEL, 1015, 41X30, 600V, 105C, PCV, CU/TN 0.5mm间距表面贴装板对板连接器 RES 19.1 OHM 1/8W 1% 0805 SMD 36 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
BFG11W BFG11W_X BFG11W/X |
Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes NPN 2 GHz power transistor
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BYX133GPL BYX133GPL_2 |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper; Conductor Plating:Tin RoHS Compliant: Yes From old datasheet system High-voltage car ignition diode
|
NXP Semiconductors N.V. Philips Semiconductors
|
TEN15WI TEN15-2410WI TEN15-2411WI TEN15-2412WI TEN |
DC/DC Converters - TEN 15WI Series, 15 Watt 2-OUTPUT DC-DC REG PWR SUPPLY MODULE Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:White/Black; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes
|
电源模块 TRACO ELECTRONIC AG. TRACOPOWER[TRACO Electronic AG]
|
EVAL-ADF411XEB1 |
Evaluation Board For PLL Frequency Synthesizer Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes
|
AD[Analog Devices] Analog Devices, Inc.
|
PS2701-1 PS2701-1-V PS2701-2 PS2701-2-V PS2701-4 P |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER NPN-OUTPUT DC-INPUT OPTOCOUPLER,2-CHANNEL,2.5KV ISOLATION,SO
|
NEC Corp. NEC Electron Devices NEC[NEC]
|
CS8164YTVA5 CS8164YTHA5 CS8164 CS8164YT5 |
8V/5V Low Dropout Dual Regulator with ENABLE Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation
|
AD1954YSTRL AD1954YSRL |
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 16-bit fixed point DSP with Flash
|
Analog Devices, Inc.
|